|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5398 - 1.5A STANDARD DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N4001_06 | 1.0A STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| 1N4001G_06 | 1.0A GLASS PASSIVATED STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| BYT51 | Standard Avalanche Sinterglass Diode | 1 2 3 4 5 | Vishay Siliconix |
| SPA547-01 | HYPERFAST HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 10.5 kV / 1.5A | 1 2 | Solid States Devices, Inc |
| 3PM2 | AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE | 1 2 3 | Semtech Corporation |
| 1A1_06 | 1.0A STANDARD DIODE | 1 2 3 4 | Won-Top Electronics |
| AZ39151 | 1.5A ULTRA LOW DROPOUT LINEAR REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| AP1515_1 | 150KHz 1.5A PWM Buck DC/DC Converter | 1 2 3 4 5 More | Anachip Corp |
| GM3255 | 1.5A 280kHz DC-DC CONVERTOR BOOST REGULATOR | 1 2 3 4 5 More | Gamma Microelectronics Inc. |
| 1SS400T1 | High−Speed Switching Diode | 1 2 3 | ON Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|