|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSR40C20 - 40A / 300V Schottky Silicon Carbide Centertap Rectifier - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SSR04C60CT | 4A / 600V Schottky Silicon Carbide Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SSR05C60 | 5 AMP / 600V SILICON CARBIDE SCHOTTKY RECTIFIER | 1 2 3 | Solid States Devices, Inc |
| SSR24C60CT | 24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDR623CTC | 40A 35nsec 300-600 V Hyper Fast Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| MBR4030PT_1 | 40A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SDR623CT-CA | 40A 35nsec 300-600 V Common Anode & Common Cathode Hyper Fast Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SBL4030PT_1 | 40A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SDR623CTM | 40A 35nsec 300-600 V Hyper Fast Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SSR4045CT-61 | 10 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDR623CTJ | 40A 35nsec 300-600 V Hyper Fast Centertap Rectifier | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|