|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSR04C60CT - 4A / 600V Schottky Silicon Carbide Centertap Rectifier - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SSR05C60 | 5 AMP / 600V SILICON CARBIDE SCHOTTKY RECTIFIER | 1 2 3 | Solid States Devices, Inc |
| SSR24C60CT | 24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDA380A | 10 AMPS 5usec STANDARD RECOVERY CENTERTAP RECTIFIER | 1 2 | Solid States Devices, Inc |
| SDR620CTJ | 40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER | 1 2 | Solid States Devices, Inc |
| MBR0530T1 | Surface Mount Schottky Power Rectifier Plastic SOD−123 Package | 1 2 3 4 | ON Semiconductor |
| MBR2040C | SCHOTTKY BARRIER RECTIFIER DIODES | 1 2 | Unisonic Technologies |
| MBRB1530CT_ | 15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBL3030PT_1 | 30A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| B270_1 | 2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR6030PT_3 | 60A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|