![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 2W005(38) |
|
Click Here View 2W005 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| GBJ2A | 2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| 2KBP005M_06 | 2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| DBA30 | 3A Single-Phase Bridge Rectifier | Sanyo Semicon Device |
| MMB1505W | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | Dc Components |
| GBU8A_06 | 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| MMB2505 | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts | Dc Components |
| BR1505L | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | Dc Components |
| MMB2505W | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts | Dc Components |
| BR2505L | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | Dc Components |
| MMB3505 | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts | Dc Components |
| Related keyword |
| 2W005 Datasheet | 2W005 Cross Reference | 2W005 Schematic | 2W005 Distributor | 2W005 Datenblatt | 2W005 RoHS |
| 2W005 Equivalent | 2W005 Application Notes | 2W005 Data Sheet | 2W005 component | 2W005 Fiche Technique | 2W005 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |