|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
1A1 - 1.0A STANDARD DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3PM2 | AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE | 1 2 3 | Semtech Corporation |
| BYT51 | Standard Avalanche Sinterglass Diode | 1 2 3 4 5 | Vishay Siliconix |
| PR1001G_1 | 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| 1N5819HW_1 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| STTH3012 | Ultrafast recovery - 1200 V diode | 1 2 3 4 5 More | STMicroelectronics |
| NUP1301ML3T1 | Low Capacitance Diode Array for ESD Protection in a Single Data Line | 1 2 3 4 | ON Semiconductor |
| 1SV161 | Silicon Epitaxial Planar Type Variable Capacitance Diode | 1 | Toshiba Semiconductor |
| SE3470 | AlGaAs Infrared Emitting Diode | 1 2 3 4 | Honeywell Solid State Electronics Center |
| HFA160NJ40D | HEXFRED TM Ultrafast Soft Recovery Diode | 1 2 3 4 5 | International Rectifier |
| SLD1131VS | Index-Guided Red Laser Diode | 1 2 3 4 5 More | Sony Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|