![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1MBK30D-060S - Molded IGBT - Fuji Electric |
|
Click Here View 1MBK30D-060S Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| DIM200WLS12-A000 | IGBT Chopper Module - Lower Arm Control | Dynex Semiconductor |
| 2ED020I12-F | Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules | eupec GmbH |
| IRG4PH30KPBF | INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT | International Rectifier |
| STGB14NC60KD_06 | N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT | STMicroelectronics |
| STGP10NC60H_06 | N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT | STMicroelectronics |
| NGD18N40CLB | Ignition IGBT 18 Amps 400 Volts | ON Semiconductor |
| IRGP50B60PD1PBF | WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE | International Rectifier |
| IRG4BC30FPBF | Fast Speed IGBT INSULATED GATE BIPOLAR TRANSISTOR | International Rectifier |
| MKT-MF06A | MOLDED SOT-23 .115x .063x .040 in 6LD .0375 in PITCH | National Semiconductor |
| MS5F5617 | IGBT module | Fuji Electric |
Link URL |
|
|
Related keyword |
| 1MBK30D-060S Datasheet | 1MBK30D-060S Cross Reference | 1MBK30D-060S Schematic | 1MBK30D-060S Distributor | 1MBK30D-060S Datenblatt | 1MBK30D-060S RoHS |
| 1MBK30D-060S Equivalent | 1MBK30D-060S Application Notes | 1MBK30D-060S Data Sheet | 1MBK30D-060S component | 1MBK30D-060S Fiche Technique | 1MBK30D-060S Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |