|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SDR623G - 20A 35nsec 300-600 V Hyper Fast Rectifier - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SDR623 | 20A 35nsec 300-600 V Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| SDR620J | 20A 35nsec 100-200 V Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| SHA2952TX | 20A 35nsec 400 V Hyper Fast Positive Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SDR953M | 50A 35nsec 300-600 V Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| SDR623CTM | 40A 35nsec 300-600 V Hyper Fast Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SDR623CTJ | 40A 35nsec 300-600 V Hyper Fast Centertap Rectifier | 1 2 | Solid States Devices, Inc |
| SDR6006HF | 60A 35nsec 400 to 600 V Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| SDR950S1 | 60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| SDR950M | 50A 35nsec typ. 100-200 V Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
| SDR950 | 60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|