|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NBB-312 - CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz - RF Micro Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NBB-310 | CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz | 1 2 3 4 5 More | RF Micro Devices |
| NBB-300 | CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz | 1 2 3 4 5 More | RF Micro Devices |
| NBB-302_06 | CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz | 1 2 3 4 5 More | RF Micro Devices |
| NBB-310_07 | CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz | 1 2 3 4 5 More | RF Micro Devices |
| NBB-400 | CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz | 1 2 3 4 5 More | RF Micro Devices |
| SNA-200 | DC-6.5 GHz Cascadable GaAs MMIC Amplifier | 1 2 3 | SIRENZA MICRODEVICES |
| SNA-386 | DC-3 GHZ CASCADABLE GAAS MMIC AMPLIFIER | 1 2 3 4 | SIRENZA MICRODEVICES |
| NGA-686 | DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER | 1 2 3 4 5 | SIRENZA MICRODEVICES |
| NGA-689 | DC-5000 MHz Cascadable GaAs HBT MMIC Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| SNA-200S | DC-6.5 GHz Cascadable GaAs HBT MMIC Amplifier | 1 2 3 | SIRENZA MICRODEVICES |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|