|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SPB-002 - 10 AMP 20 VOLTS BYPASS DIODE ASSEMBLY - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FR3AB | 3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts | 1 2 3 4 | Micro Commercial Components |
| MBR30150FCT | 30 Amp Schottky Barrier Rectifier 150 Volts | 1 2 3 | Micro Commercial Components |
| SK62 | 6 Amp Schottky Rectifier 20 to 100 Volts | 1 2 3 | Micro Commercial Components |
| SFF130J | 14 AMP / 100 Volts 0.16OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF054C | 35 AMP 60 Volts 0.025OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF450-61 | 13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50B | 24 AMP / 500 Volts 0.23 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9240C | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFRC9130S.5B | 10 AMP /100 Volts 300 mΩ Radiation Tolerant P-Channel MOSFET | 1 2 | Solid States Devices, Inc |
| SPD5614SM | 1 AMP 200 â 1000 VOLTS STANDARD RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|