|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RF2192 - 3V 900MHz LINEAR POWER AMPLIFIER - RF Micro Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CHV2710-QJ_0610 | 2.5 GHz InGaP HBT 5W Linear Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| RF2103P_06 | MEDIUM POWER LINEAR AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| FMPA2151 | 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module | 1 2 3 4 | Fairchild Semiconductor |
| RF2126_07 | HIGH POWER LINEAR AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| AM55-0004_1 | 250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz | 1 2 3 4 5 More | Tyco Electronics |
| RF2132_06 | LINEAR POWER AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| RF2163_06 | 3V 2.5GHz LINEAR POWER AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| RF2162_06 | 3V 900MHz LINEAR AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| FMPA2300 | 2.3-2.4GHz WiMax/WiBro Linear Power Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| 2SC2290A | 2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS LOW SUPPLY VOLTAGE USE | 1 2 3 | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|