Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD87L99 Datasheet (PDF) - Exar Corporation

XRD87L99 Datasheet PDF - Exar Corporation
Part # XRD87L99
Download  XRD87L99 Download

File Size   431.73 Kbytes
Page   23 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX

XRD87L99 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD87L99 Datasheet PDF - Exar Corporation

Part # XRD87L99
Download  XRD87L99 Click to download

File Size   431.73 Kbytes
Page   23 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX

XRD87L99 Datasheet (HTML) - Exar Corporation

Back Button XRD87L99 Datasheet HTML 1Page - Exar Corporation XRD87L99 Datasheet HTML 2Page - Exar Corporation XRD87L99 Datasheet HTML 3Page - Exar Corporation XRD87L99 Datasheet HTML 4Page - Exar Corporation XRD87L99 Datasheet HTML 5Page - Exar Corporation XRD87L99 Datasheet HTML 6Page - Exar Corporation XRD87L99 Datasheet HTML 7Page - Exar Corporation XRD87L99 Datasheet HTML 8Page - Exar Corporation XRD87L99 Datasheet HTML 9Page - Exar Corporation XRD87L99 Datasheet HTML 10Page - Exar Corporation Next Button 

XRD87L99 Product details

GENERAL DESCRIPTION
The XRD87L99 is a flexible, easy to use, precision 10-bit analog-to-digital converter with 8-channel mux that operates over a wide range of input and sampling conditions. The XRD87L99 can operate with pulsed "on demand" conversion operation or continuous "pipeline" operation for sampling rates up to 2MHz.

FEATURES
• 10-Bit Resolution
• 8-Channel Mux
• Sampling Rate - < 1kHz - 2MHz
• Low Power CMOS - 24 mW (typ)
• Power Down; Lower Consumption - 0.1 mW (typ)
• Input Range between GND and VDD
• No S/H Required for Analog Signals less than 100kHz
• No S/H Required for CCD Signals less than 2MHz
• Single Power Supply (2.7 to 3.6V)
• Latch-Up Free
• ESD Protection: 2000 Volts Minimum

APPLICATIONS
• mP/DSP Interface and Control Application
• High Resolution Imaging - Scanners & Copiers
• Wireless Digital Communications
• Multiplexed Data Acquisition




Similar Part No. - XRD87L99

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L75AID EXAR-XRD87L75AID Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L75AIP EXAR-XRD87L75AIP Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L75AIU EXAR-XRD87L75AIU Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L85 EXAR-XRD87L85 Datasheet
1Mb / 15P
   Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results


Similar Description - XRD87L99

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD8799 EXAR-XRD8799 Datasheet
401Kb / 23P
   LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Exar Corporation
MP8799 EXAR-MP8799 Datasheet
159Kb / 20P
   CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
logo
Texas Instruments
TLV5580 TI1-TLV5580_15 Datasheet
509Kb / 38P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
TLV5580 TI-TLV5580 Datasheet
531Kb / 34P
[Old version datasheet]   8-BIT, 80 MSPS LOW-POWER A/D CONVERTER
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL502 TI1-ADC08DL502 Datasheet
1Mb / 43P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC104S101 NSC-ADC104S101 Datasheet
964Kb / 19P
   4 Channel, 1 MSPS, 10-Bit A/D Converter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com