Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C2450IP40 Datasheet (PDF) - Exar Corporation

ST16C2450IP40 Datasheet PDF - Exar Corporation
Part # ST16C2450IP40
Download  ST16C2450IP40 Download

File Size   525.31 Kbytes
Page   30 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V DUART

ST16C2450IP40 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C2450IP40 Datasheet PDF - Exar Corporation

Part # ST16C2450IP40
Download  ST16C2450IP40 Click to download

File Size   525.31 Kbytes
Page   30 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V DUART

ST16C2450IP40 Datasheet (HTML) - Exar Corporation

Back Button ST16C2450IP40 Datasheet HTML 1Page - Exar Corporation ST16C2450IP40 Datasheet HTML 2Page - Exar Corporation ST16C2450IP40 Datasheet HTML 3Page - Exar Corporation ST16C2450IP40 Datasheet HTML 4Page - Exar Corporation ST16C2450IP40 Datasheet HTML 5Page - Exar Corporation ST16C2450IP40 Datasheet HTML 6Page - Exar Corporation ST16C2450IP40 Datasheet HTML 7Page - Exar Corporation ST16C2450IP40 Datasheet HTML 8Page - Exar Corporation ST16C2450IP40 Datasheet HTML 9Page - Exar Corporation ST16C2450IP40 Datasheet HTML 10Page - Exar Corporation Next Button 



Similar Part No. - ST16C2450IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450IP40 EXAR-ST16C2450IP40 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
More results


Similar Description - ST16C2450IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550_04 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450 Datasheet
511Kb / 30P
   2.25V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
XR16L2450 EXAR-XR16L2450_05 Datasheet
513Kb / 30P
   2.25V TO 5.5V DUART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com