|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFF75N08M - 55 AMP (note 1) /75 Volts 8.5 mO N-Channel Trench Gate MOSFET - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFF35N20M | 55 AMP note 1 /200 Volts 35 mO N-Channel Trench Gate MOSFET | 1 2 | Solid States Devices, Inc |
| SFF80N10M | 55 AMP note 1 /100 Volts 12 mO N-Channel Trench Gate MOSFET | 1 2 | Solid States Devices, Inc |
| SFF85N06M | 55 AMP note 1 /60 Volts 7 mO N-Channel Trench Gate MOSFET | 1 2 | Solid States Devices, Inc |
| SFF130 | 14 AMP 200 Volts 0.16OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF250C | 30 AMP 200 Volts 0.085OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF440C | 8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF75N10B | 75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFL024-5 | 10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFFX054M | 35 AMP 60 VOLTS 0.022ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF130-5 | 8 AMP / 100 Volts 0.18OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|