|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFF35N20M - 55 AMP (note 1) /200 Volts 35 mO N-Channel Trench Gate MOSFET - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFF130J | 14 AMP / 100 Volts 0.16OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF054C | 35 AMP 60 Volts 0.025OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF450-61 | 13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50B | 24 AMP / 500 Volts 0.23 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF130-59 | 14 AMP / 100 Volts 0.16OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF054-61 | 35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240-28 | 15 AMP / 200 Volts 0.20 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50-3 | 24 AMP / 500 Volts 0.2 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF75N05M | 75 AMP 50 VOLTS 15mohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF75N06-28 | 30 AMP 60 VOLTS 25mΩ N-CHANNEL POWER MOSFET | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|