|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFFR160N - 50 AMP 100 VOLTS 0.04 ohm RADIATION HARDENED N-Channel Power MOSFET - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFFR450M | -10 AMP -500 VOLTS 0.60 ohm RADIATION HARDENED N-Channel Power MOSFET | 1 2 3 | Solid States Devices, Inc |
| SFF75N10M | 75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF75N10N | 75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF75N10B | 75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF75N10-3 | 75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF150-3 | 30 AMP 100 Volts 0.055OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF450 | 12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50-3 | 24 AMP / 500 Volts 0.2 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF150C | 40 AMP 100 Volts 0.040OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF450M | 13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET | 1 2 3 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|