|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFFR450M - -10 AMP -500 VOLTS 0.60 ohm RADIATION HARDENED N-Channel Power MOSFET - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFF450-61 | 13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50B | 24 AMP / 500 Volts 0.23 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240-28 | 15 AMP / 200 Volts 0.20 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50-3 | 24 AMP / 500 Volts 0.2 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240 | 15 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF10N100M | 10 AMP / 1000 Volts 1.2 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240J | 15 AMP 200 Volts 0.20 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF10N100N | 10 AMP 1000 Volts 1.2 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF70N04 | 70 AMP / 40 VOLTS 0.010 OHM N-CHANNEL POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240M | 18 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|