|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFF9140C - -18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFF9140-28 | -18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9140 | -18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9140J | -18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9140M | -18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9240J | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9240M | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9240C | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240-28 | 15 AMP / 200 Volts 0.20 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9240-28 | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240J | 15 AMP 200 Volts 0.20 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|