|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFF9240-28 - -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFF9240J | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9240M | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF9240C | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF440C | 8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF75N10B | 75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFL024-5 | 10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF450 | 12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF75N10-3 | 75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF16N60NC | 16.5 AMP / 600 Volts 0.40 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF450M | 13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET | 1 2 3 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|