|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFF9240Z - -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET - Solid States Devices, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFF9240J | -11 AMP -200 VOLTS 0.50 ohm P-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF450M | 13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET | 1 2 3 | Solid States Devices, Inc |
| SFF24N50M | 24 AMP / 500 Volts 0.2 OHM N-Channel POWER MOSFET | 1 2 3 | Solid States Devices, Inc |
| SFF450C | 13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50N | 24 AMP 500 Volts 0.23 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF450-61 | 13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50B | 24 AMP / 500 Volts 0.23 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240-28 | 15 AMP / 200 Volts 0.20 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
| SFF24N50-3 | 24 AMP / 500 Volts 0.2 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF240 | 15 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|