|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MP2305DS - 4.75V to 23V IN, 2A OUT Synchronous Buck Converter - Monolithic Power Systems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EV2106DQ-00A | 2.6V to 15V IN 1.5A OUT Synchronous Buck Converter Evaluation Board | 1 2 3 4 | Monolithic Power Systems |
| IRDCIP1201-A | 300kHz Dual 15A 3.14V IN to 5.5V IN Dual Output Synchronous Buck Converter using iP1201 | 1 2 3 4 5 More | International Rectifier |
| EV2108DQ-00A | 2A 6V 720KHz Synchronous Buck Converter | 1 2 3 4 | Monolithic Power Systems |
| EV1570DN-00A | 3A 23V 340KHz Synchronous Step-Down Converter | 1 2 3 4 5 | Monolithic Power Systems |
| IRDCIP1001-B | 200kHz to 300kHz 20A 5VIN to 12VIN Single Phase Synchronous Buck Converter using iP1001 | 1 2 3 4 5 More | International Rectifier |
| EV2104DJ-00A | 600mA Synchronous Buck Step-Down Converter | 1 2 3 4 | Monolithic Power Systems |
| IRDCIP2002-C | 1MHz 120A 4-phase Synchronous Buck Converter using iP2002 | 1 2 3 4 5 More | International Rectifier |
| EV2105DJ-00A | 800mA Synchronous Buck Step-Down Converter | 1 2 3 4 | Monolithic Power Systems |
Datasheet Page |
1 2 3 |
Link URL |
|
|