![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
40CPQ080GPbF - SCHOTTKY RECTIFIER - International Rectifier |
|
Click Here View 40CPQ080GPbF Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STPS80L15CY | LOW DROP OR-ing POWER SCHOTTKY RECTIFIER | STMicroelectronics |
| STPS80L60CY | POWER SCHOTTKY RECTIFIER | STMicroelectronics |
| STB70NFS03L_06 | N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier | STMicroelectronics |
| MBRS3201T3_05 | 200V 3A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package | ON Semiconductor |
| SBL1630CT_1 | 16A SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| SBL1030CT_1 | 10A SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| B0540W_1 | 0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| B0530WS_1 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| B320_1 | 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| 40CPQ050PBF | SCHOTTKY RECTIFIER | International Rectifier |
Link URL |
|
|
Related keyword |
| 40CPQ080GPbF Datasheet | 40CPQ080GPbF Cross Reference | 40CPQ080GPbF Schematic | 40CPQ080GPbF Distributor | 40CPQ080GPbF Datenblatt | 40CPQ080GPbF RoHS |
| 40CPQ080GPbF Equivalent | 40CPQ080GPbF Application Notes | 40CPQ080GPbF Data Sheet | 40CPQ080GPbF component | 40CPQ080GPbF Fiche Technique | 40CPQ080GPbF Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |