![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
36KR10KLF - 6 MM SINGLE-TURN Open Frame Cermet Trimming Potentiometer - Bi technologies |
|
Click Here View 36KR10KLF Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 35WR10KLFTR | 3 mm Single-Turn Open Frame Surface Mount Cermet Trimming Potentiometer | Bi technologies |
| 22AR10KLFTR | 3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer | Bi technologies |
| 23AR10KLFTR | 4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer | Bi technologies |
| 24WR10KLFTR | 4mm Diameter Single Turn Cermet Trimming Potentiometer | Bi technologies |
| 25PR10KLF | 1/4Ħħ Square Single Turn Cermet Trimming Potentiometer | Bi technologies |
| AT10PK | 10mm Square Single-Turn Through-Hole Sealed Cermet Attenuators | ETC |
| BPW-7010 | 100W AC-DC Open Frame Power Supply | BOSER Technology Co., Ltd |
| 3266-W-1-103LF | 1/4 Square Trimming Potentiometer | Bourns Electronic Solutions |
| 3299W-1-103LF | 3/8 Square Trimming Potentiometer | Bourns Electronic Solutions |
| WIW1024 | Trimming Potentiometer | Sharma Electro Components,Inc |
Link URL |
|
|
Related keyword |
| 36KR10KLF Datasheet | 36KR10KLF Cross Reference | 36KR10KLF Schematic | 36KR10KLF Distributor | 36KR10KLF Datenblatt | 36KR10KLF RoHS |
| 36KR10KLF Equivalent | 36KR10KLF Application Notes | 36KR10KLF Data Sheet | 36KR10KLF component | 36KR10KLF Fiche Technique | 36KR10KLF Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |