|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
23AR10KLFTR - 4mm Square Sealed Single Turn Surface Mount Cermet Trimming Potentiometer - Bi technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 22AR10KLFTR | 3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer | 1 2 3 | Bi technologies |
| ST-32 | Surface Mount Cermet Trimmers single turn | 1 2 3 4 5 More | Vishay Siliconix |
| FR31 | Single Junction Surface Mount Circulator 800MHz 900MHz 1800MHz 1900MHz 2100MHz | 1 | Tyco Electronics |
| 3266-W-1-103LF | 1/4 Square Trimming Potentiometer | 1 2 | Bourns Electronic Solutions |
| AA3022EC | 3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| FR32 | Single Junction Surface Mount Isolator 800MHz 900MHz 1800MHz 1900MHz 2100MHz | 1 | Tyco Electronics |
| 3299W-1-103LF | 3/8 Square Trimming Potentiometer | 1 | Bourns Electronic Solutions |
| AA3022SGC | 3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| AA3022SRC | 3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| 5311 | 1-5/16 Diameter Single Turn Wirewound Precision Potentiometer | 1 2 3 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|