|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
G923-330T1U - 300mA High PSRR LDO Regulators - Global Mixed-mode Technology Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XC6204_1 | High Sprred LDO Regulators Output ON-OFF Control | 1 2 3 4 5 More | Torex Semiconductor |
| TPS718XX | Dual 200mA Output Low Noise High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package | 1 2 3 4 5 More | Texas Instruments |
| XC6210_1 | High Current High Speed LDO regulators | 1 2 3 4 5 More | Torex Semiconductor |
| XC6213_1 | High Speed LDO Regulators Low ESR Cap.Comratible Ultra Small Package | 1 2 3 4 5 More | Torex Semiconductor |
| TPS73047 | LOW-NOISE HIGH PSRR RF 200-mA LOW-DROPOUT LINEAR REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| TPS796XX | ULTRALOW-NOISE HIGH PSRR FAST RF 1A LOW-DROPOUT LINEAR REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| ISL9000_06 | Dual LDO with Low Noise Very High PSRR and Low IQ | 1 2 3 4 5 More | Intersil Corporation |
| ISL9011_06 | Dual LDO with Low Noise Low IQ and High PSRR | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|