|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4448X - 150mW Switching Diodes - Micro Commercial Components |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAT54T1_05 | 30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES | 1 2 3 4 | ON Semiconductor |
| 1N6639_1 | SWITCHING DIODES | 1 2 | Microsemi Corporation |
| DAP222_05 | Common Anode Silicon Dual Switching Diodes | 1 2 3 4 5 | ON Semiconductor |
| M1MA151WAT1 | Common Anode Silicon Dual Switching Diodes | 1 2 3 4 | ON Semiconductor |
| M1MA151WKT1 | Common Cathode Silicon Dual Switching Diodes | 1 2 3 | ON Semiconductor |
| BA1282 | Band Switching Diodes | 1 2 3 4 5 | Vishay Siliconix |
| BA892V-04W | Band Switching Diodes - Dual Series in SOT-323 | 1 2 3 4 5 | Vishay Siliconix |
| CDSH3 | Small Signal Switching Diodes | 1 2 | Comchip Technology |
| MMBD4148TS-G | Surface Mount Switching Diodes | 1 2 3 | Comchip Technology |
| 1N4148X | 200mW Switching Diodes | 1 2 3 | Micro Commercial Components |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|