|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PUMB2 - PNP resistor-equipped double transistor - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PEMB10 | PNP resistor-equipped double transistor R1 = 2.2 kohm R2 = 47 kohm | 1 2 3 4 5 More | NXP Semiconductors |
| PUMB11 | PNP resistor-equipped double transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PEMB2 | PNP resistor-equipped double transistor R1 = 47 kohm R2 = 47 kohm | 1 2 3 4 5 More | NXP Semiconductors |
| PEMB3 | PNP resistor-equipped double transistor R1 = 4.7 kohm R2 = open | 1 2 3 4 5 More | NXP Semiconductors |
| PUMB4 | PNP resistor-equipped double transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PEMB4 | PNP resistor-equipped double transistor R1 = 10 kohm R2 = open | 1 2 3 4 5 More | NXP Semiconductors |
| BCV62 | PNP general purpose double transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PUMT1 | PNP general purpose double transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PDTA114TT | PNP resistor-equipped transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PDTA143ES | PNP resistor-equipped transistor | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|