|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPG2030TK - 1 W ULTRA SMALL SPDT SWITCH - California Eastern Labs |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL8499_06 | Ultra Low ON-Resistance +1.65V to +4.5V Single Supply Quad SPDT Dual DPDT Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| ISL8484_06 | Ultra Low ON-Resistance +1.65V to +4.5V Single Supply Dual SPDT Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| ISL84684II | Ultra Low ON-Resistance Low Voltage Single Supply Dual SPDT Analog Switch in Chipscale Package | 1 2 3 4 5 More | Intersil Corporation |
| SW-276 | High Power GaAs SPDT Switch DC - 3.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| NLAS5123-06 | SPDT 1 ohm RON Switch | 1 2 3 4 5 More | ON Semiconductor |
| MASWML010 | SPDT Non Reflective Miniature Switch with TTL Compatible Driver 0.5 to 18.0 GHz | 1 | Tyco Electronics |
| MASWSS0157 | GaAs SPDT Switch DC - 2.5 GHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|