Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2010TB Datasheet (PDF) - California Eastern Labs

UPG2010TB Datasheet PDF - California Eastern Labs
Part # UPG2010TB
Download  UPG2010TB Download

File Size   308.02 Kbytes
Page   10 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description HIGH POWER SINGLE CONTROL L-BAND SPDT SWITCH

UPG2010TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG2010TB Datasheet PDF - California Eastern Labs

Part # UPG2010TB
Download  UPG2010TB Click to download

File Size   308.02 Kbytes
Page   10 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description HIGH POWER SINGLE CONTROL L-BAND SPDT SWITCH

UPG2010TB Datasheet (HTML) - California Eastern Labs

UPG2010TB Datasheet HTML 1Page - California Eastern Labs UPG2010TB Datasheet HTML 2Page - California Eastern Labs UPG2010TB Datasheet HTML 3Page - California Eastern Labs UPG2010TB Datasheet HTML 4Page - California Eastern Labs UPG2010TB Datasheet HTML 5Page - California Eastern Labs UPG2010TB Datasheet HTML 6Page - California Eastern Labs UPG2010TB Datasheet HTML 7Page - California Eastern Labs UPG2010TB Datasheet HTML 8Page - California Eastern Labs UPG2010TB Datasheet HTML 9Page - California Eastern Labs UPG2010TB Datasheet HTML 10Page - California Eastern Labs

UPG2010TB Product details

DESCRIPTION
NECs UPG2010TB is a single control GaAs MMIC L-band SPDT (Single Pole Double Throw) switch for mobile phone and L-band applications.
This device can operate from 0.5 to 2.5 GHz, with low insertion loss and high isolation.
This device is housed in a 6-pin super minimold package, suitable for high-density surface mounting.

FEATURES
• SUPPLY VOLTAGE:
    VDD = 2.7 to 3.0 V (2.8 V TYP.)
• SWITCH CONTROL VOLTAGE:
    Vcont (H) = 2.7 to 3.0 V (2.8 V TYP.)
    Vcont (L) = −0.2 to +0.2 V (0 V TYP.)
• LOW INSERTION LOSS:
    LINS1=0.25 dB TYP. @ f = 0.5 to 1.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V
    LINS2= 0.30 dB TYP. @ f = 2.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V
    LINS3 = 0.35 dB TYP. @ f = 2.5 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V
    (Reference value)
• HIGH ISOLATION:
    ISL1 = = 28 dB TYP. @ f = 0.5 to 2.0 GHz, VDD= 2.8 V, Vcont= 2.8 V/0 V
    ISL2 = 25 dB TYP. @ f = 2.5 GHz, VDD= 2.8 V, Vcont = 2.8 V/0 V
    (Reference value)
• POWER HANDLING:
    Pin (0.1 dB) = +33.0 dBm TYP. @ f = 1.0 GHz,VDD= 2.8 V,Vcont= 2.8 V/0 V
• HIGH-DENSITY SURFACE MOUNTING:
    6-pin super minimold package (2.0 × 1.25 × 0.9 mm)

APPLICATIONS
• L-band digital cellular or cordless handsets
• PCS, W-LAN, WLL and BluetoothTM
• Short Range Wireless




Similar Part No. - UPG2010TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2010TB NEC-UPG2010TB Datasheet
89Kb / 11P
   L-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2010TB RENESAS-UPG2010TB Datasheet
369Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
logo
NEC
UPG2010TB-E3 NEC-UPG2010TB-E3 Datasheet
89Kb / 11P
   L-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2010TB-E3 RENESAS-UPG2010TB-E3 Datasheet
369Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
More results


Similar Description - UPG2010TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2160T5K CEL-UPG2160T5K Datasheet
344Kb / 13P
   L, S-BAND SINGLE CONTROL SPDT SWITCH
logo
NEC
UPG2156TB NEC-UPG2156TB Datasheet
97Kb / 8P
   L-BAND 4 W SINGLE CONTROL HIGH POWER SPDT SWITCH
logo
California Eastern Labs
UPG2012TK CEL-UPG2012TK Datasheet
363Kb / 8P
   W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2015TB CEL-UPG2015TB Datasheet
310Kb / 10P
   1W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
NEC
UPG2009TB NEC-UPG2009TB_1 Datasheet
86Kb / 10P
   L-BAND HIGH POWER SPDT SWITCH
logo
California Eastern Labs
UPG2009TB CEL-UPG2009TB_09 Datasheet
1Mb / 9P
   L-BAND HIGH POWER SPDT SWITCH
logo
Renesas Technology Corp
PG2009TB RENESAS-PG2009TB_15 Datasheet
208Kb / 12P
   L-BAND HIGH POWER SPDT SWITCH
logo
NEC
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB Datasheet
120Kb / 7P
   NECs 1/4W SINGLE CONTROL L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2009TB CEL-UPG2009TB Datasheet
547Kb / 9P
   L, S-Band HIGH POWER SPDT SWITCH
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com