|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPC8110GR_00 - 1 GHz QUADRATURE MODULATOR - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TRF3701_07 | 0.14 GHz to 1.5 GHz QUADRATURE MODULATOR | 1 2 3 4 5 More | Texas Instruments |
| UPC8129GR | SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC | 1 2 3 | NEC |
| U2891B | 2.5 GHz Quadrature Up-Converter | 1 2 3 4 5 More | TEMIC Semiconductors |
| TRF3703 | 0.4-GHz TO 4-GHz QUADRATURE MODULATOR | 1 2 3 4 5 More | Texas Instruments |
| CMM2030-BD | 30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier | 1 2 3 4 | Mimix Broadband |
| JH-141_1 | High Frequency Quadrature Hybrid 1 - 2 GHz | 1 2 | Tyco Electronics |
| TRF3702_07 | 1.5-GHz to 2.5-GHz QUADRATURE MODULATOR | 1 2 3 4 5 More | Texas Instruments |
| CMM3020-BD_06 | 30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier | 1 2 | Mimix Broadband |
| STQ-1016 | 250 - 1000 MHz Direct Quadrature Modulator | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| CMM3030-BD_06 | 30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier | 1 2 3 4 | Mimix Broadband |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|