|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
WP1413GDT - 4mm CYLINDRICAL LED LAMP - Kingbright Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WP483EDT | T-1 3/4 5mm CYLINDRICAL LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| WP483GDT | T-1 3/4 5mm CYLINDRICAL LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| BLF041MGC-6V-P | 4mm FLANGE BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| WP483HDT | T-1 3/4 5mm CYLINDRICAL LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| BLF041MGC-12V-P | 4mm FLANGE BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| WP483IDT | T-1 3/4 5mm CYLINDRICAL LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| BLF041MGC-28V-P | 4mm FLANGE BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| WP483SRSGW | T-1 3/4 5mm CYLINDRICAL LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| BLF041SURC-E12V | 4mm FLANGE BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| WP483YDT | T-1 3/4 5mm CYLINDRICAL LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|