|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPC2798GR - 250 MHz QAM IF DOWNCONVERTER - California Eastern Labs |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A181_1 | Cascadable Amplifier 10 to 250 MHz | 1 2 | Tyco Electronics |
| ADATE205 | 250 MHz Dual DCL | 1 2 3 4 5 More | Analog Devices |
| A231_1 | Cascadable Amplifier 10 to 250 MHz | 1 2 | Tyco Electronics |
| JH-139 | Quadrature Hybrid 250 - 500 MHz | 1 2 3 | Tyco Electronics |
| MADCSM0001 | Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz | 1 2 3 4 5 More | Tyco Electronics |
| MAAMSS0056 | RF Driver Amplifier 250 - 4000 MHz | 1 2 3 4 5 More | Tyco Electronics |
| MADCSM0011 | Dual Mode Cellular Downconverter 869 - 893 MHz | 1 2 3 4 5 | Tyco Electronics |
| MAAMSS0073 | RF Driver Amplifier 250 - 4000 MHz | 1 2 3 4 | Tyco Electronics |
| MAAMSS0048 | RF Driver Amplifier 250 - 4000 MHz | 1 2 3 4 5 More | Tyco Electronics |
| STQ-1016 | 250 - 1000 MHz Direct Quadrature Modulator | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|