|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DTB723YE - -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors) - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DTB713ZE | -200mA / -30V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTD513ZE | 500mA / 12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTD523YE | 500mA / 12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTB513ZE | -500mA / -12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTD543EE | Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTB523YE | -500mA / -12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTD543XE | 500mA / 12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTB543EE | -500mA / -12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTD543ZE | 500mA / 12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
| DTB543ZE | -500mA / -12V Low VCE sat Digital transistors with built-in resistors | 1 2 | Rohm |
Datasheet Page |
1 2 |
Link URL |
|
|