|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
WJA1505 - 5V Active-Bias InGaP HBT Gain Block - WJ Communication. Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WJA1015 | +5V Active-Bias InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| WJA1500 | +5V Active-Bias InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| WJA1000 | +5V Active-Bias InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| WJA1005 | +5V Active-Bias InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| WJA1010 | +5V Active-Bias InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| CGB7006-SC_0608 | DC-6.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| CGB7016-BD | DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| HMC580ST89 | InGaP HBT GAIN BLOCK MMIC AMPLIFIER DC - 1.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AG403-86 | InGaP HBT Gain Block | 1 2 3 4 5 More | WJ Communication. Inc. |
| ECG005 | InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
Datasheet Page |
1 2 3 |
Link URL |
|
|