|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
WJA1015-PCB - 5V Active-Bias InGaP HBT Gain Block - WJ Communication. Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WJA1000 | +5V Active-Bias InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| WJA1005 | +5V Active-Bias InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| WJA1010 | +5V Active-Bias InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| AG302-63-RFID | InGaP HBT Gain Block | 1 2 3 4 5 More | WJ Communication. Inc. |
| CGB7015-SC_0609 | DC-8.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| CGB7289-SC_0609 | DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| AG503-89 | InGaP HBT Gain Block | 1 2 3 4 5 | WJ Communication. Inc. |
| ECG008 | InGaP HBT Gain Block | 1 2 3 4 | WJ Communication. Inc. |
| AG303-86-RFID | InGaP HBT Gain Block | 1 2 3 4 5 More | WJ Communication. Inc. |
| CGB7001-BD_07 | DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|