![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BD9775FV - 2channel Step-Down Switching Regulator Controller - Rohm |
|
Click Here View BD9775FV Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LM25574 | 42V 0.5A Step-Down Switching Regulator | National Semiconductor |
| LM2575_06 | 1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR | Texas Instruments |
| LT1374 | 4.5A 500kHz Step-Down Switching Regulator | Linear Technology |
| TL497A_06 | 500-mA PEAK STEP-UP STEP-DOWN INVERTING SWITCHING VOLTAGE REGULATOR | Texas Instruments |
| LTC1705 | Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO | Linear Technology |
| TL1466I | HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER | Texas Instruments |
| BA9741F_1 | 2-ch Switching Regulator Controller | Rohm |
| BA9743AFV_1 | 2-ch Switching Regulator Controller | Rohm |
| LM25010 | 42V 1.0A Step-Down Switching Regulator | National Semiconductor |
| BA9744FV_1 | 2-ch Switching Regulator Controller | Rohm |
Link URL |
|
|
Related keyword |
| BD9775FV Datasheet | BD9775FV Cross Reference | BD9775FV Schematic | BD9775FV Distributor | BD9775FV Datenblatt | BD9775FV RoHS |
| BD9775FV Equivalent | BD9775FV Application Notes | BD9775FV Data Sheet | BD9775FV component | BD9775FV Fiche Technique | BD9775FV Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |