![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BD6221F - H-bridge driver for DC brush motor - Rohm |
|
Click Here View BD6221F Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BD6211F | H-bridge driver for DC brush motor | Rohm |
| AM5668 | 5-CHANNEL MOTOR DRIVER FOR DVD PLAYER | BCD Semiconductor Manufacturing Limited |
| BA6920FP-Y_1 | Motor driver with DC brush | Rohm |
| BD6609FV | Spindle Motor Driver for CD/MD | Rohm |
| F6908 | SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR | Unisonic Technologies |
| AM5680 | 5-CHANNEL MOTOR DRIVER FOR DVD PLAYER | BCD Semiconductor Manufacturing Limited |
| AM5954A | 4-CHANNEL MOTOR DRIVER FOR DVD PLAYER | BCD Semiconductor Manufacturing Limited |
| 17511A | 1.0 A 6.8 V H-Bridge Motor Driver IC | Freescale Semiconductor, Inc |
| 17510 | 1.2 A 15 V H-Bridge Motor Driver IC | Freescale Semiconductor, Inc |
| TB6592FL | Dual-Bridge Driver IC for DC motor | Sipex Corporation |
Link URL |
|
|
Related keyword |
| BD6221F Datasheet | BD6221F Cross Reference | BD6221F Schematic | BD6221F Distributor | BD6221F Datenblatt | BD6221F RoHS |
| BD6221F Equivalent | BD6221F Application Notes | BD6221F Data Sheet | BD6221F component | BD6221F Fiche Technique | BD6221F Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |