Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE4210S01-T1 Datasheet (PDF) - California Eastern Labs

NE4210S01-T1 Datasheet PDF - California Eastern Labs
Part # NE4210S01-T1
Download  NE4210S01-T1 Download

File Size   252.15 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description SUPER LOW NOISE HJ FET

NE4210S01-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE4210S01-T1 Datasheet PDF - California Eastern Labs

Part # NE4210S01-T1
Download  NE4210S01-T1 Click to download

File Size   252.15 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description SUPER LOW NOISE HJ FET

NE4210S01-T1 Datasheet (HTML) - California Eastern Labs

NE4210S01-T1 Datasheet HTML 1Page - California Eastern Labs NE4210S01-T1 Datasheet HTML 2Page - California Eastern Labs NE4210S01-T1 Datasheet HTML 3Page - California Eastern Labs NE4210S01-T1 Datasheet HTML 4Page - California Eastern Labs NE4210S01-T1 Datasheet HTML 5Page - California Eastern Labs NE4210S01-T1 Datasheet HTML 6Page - California Eastern Labs NE4210S01-T1 Datasheet HTML 7Page - California Eastern Labs

NE4210S01-T1 Product details

DESCRIPTION
NECS NE4210S01 is a pseudomorphic Hetero-Junction FET that uses the junction between Si-doped AIGaAs and undoped InGaAs to create very high mobility electrons. The device features mushroom shaped TiAl gates for decreased gate resistance and improved power handling. Its excellent low noise figure and high associated gain make it suitable for DBS and commercial systems. The NE4210S01 is housed in a low cost plastic package which is available in tape and reel.

FEATURES
• SUPER LOW NOISE FIGURE: 0.50 dB TYP at f = 12 GHz
• HIGH ASSOCIATED GAIN: 13.0 dB TYP at f = 12 GHz
• GATE LENGTH: LG ≤ 0.20 µm
• GATE WIDTH: WG = 160 µm




Similar Part No. - NE4210S01-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE4210S01-T1 NEC-NE4210S01-T1 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE4210S01-T1 RENESAS-NE4210S01-T1 Datasheet
199Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
logo
NEC
NE4210S01-T1B NEC-NE4210S01-T1B Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE4210S01-T1B RENESAS-NE4210S01-T1B Datasheet
199Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
More results


Similar Description - NE4210S01-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com