|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NE960R275_01 - 0.2W X, Ku-BAND POWER GaAs MESFET - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NE13700 | LOW NOISE KU-BAND GAAS MESFET | 1 2 3 4 5 | NEC |
| CF005_06 | Broadband Power GaAs MESFET Chips | 1 2 3 4 | Mimix Broadband |
| CF010_06 | Broadband Power GaAs MESFET Chips | 1 2 3 4 | Mimix Broadband |
| CF015-11_06 | Broadband Power GaAs MESFET Chip | 1 | Mimix Broadband |
| NE760 | LOW NOISE KU-K BAND GAAS MESFET | 1 2 3 4 5 More | NEC |
| D10040240GTH | GaAs Power Doubler 40 - 1000MHz 24.0dB min. Gain @ 1GHz High 440mA max. @ 24VDC | 1 2 3 4 | PREMIER DEVICES, INC. |
| XP1021-BD | 17.0-22.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| AM42-0007-DIE | GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz | 1 2 | Tyco Electronics |
| NE72118 | C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET | 1 2 3 4 | NEC |
| SW-276 | High Power GaAs SPDT Switch DC - 3.0 GHz | 1 2 3 4 5 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|