|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MASWCC0010-TB - GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MASWCC0006 | GaAs SP6T Switch Absorptive Single Supply DC - 4.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MASWCC0009 | GaAs SP6T Switch Absorptive Single Supply DC - 3.0 GHz | 1 | Tyco Electronics |
| MASW-007070-000100 | GaAs SPST Switch Absorptive Single Supply DC-4.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MASW-007071-000100 | GaAs SPST Switch Absorptive Single Supply DC-4.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MASW4060G | GaAs SP4T Switch DC - 4.0 GHz | 1 2 3 | Tyco Electronics |
| MASW-007073-000100 | GaAs SP4T Absorptive Switch with ASIC Driver DC-3.0 GHz | 1 2 3 4 | Tyco Electronics |
| MASW-007072-000100 | GaAs SP2T Switch Absorptive Switch with ASIC Driver DC-3.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MASW-007074-000100 | GaAs SP3T Absorptive Switch with ASIC Driver DC-3.0 GHz | 1 2 3 4 | Tyco Electronics |
| MASW-007075-000100 | GaAs SPDT Absorptive Switch with ASIC Driver DC-3.0 GHz | 1 2 3 4 | Tyco Electronics |
| MASW-008566 | GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|