|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAMX-000013-001SMB - Low Cost MMIC Mixer 1400 - 2100 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAMXSS0012 | Low Cost MMIC Mixer 800 - 1000 MHz | 1 2 3 | Tyco Electronics |
| SPM6-250H | LOW COST MINIATURE DOUBLE BALANCED MIXER 50-250 MHz | 1 | SIRENZA MICRODEVICES |
| SPM6-1000M | LOW COST MINIATURE DOUBLE BALANCED MIXER 10-1000 MHz | 1 | SIRENZA MICRODEVICES |
| SPM6-2200H | LOW COST MINIATURE DOUBLE BALANCED MIXER 10-2200 MHz | 1 | SIRENZA MICRODEVICES |
| MAMX-008611 | Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz | 1 2 3 | Tyco Electronics |
| CSM1-17 | Low Cost High IP3 Mixer for Cellular Applications | 1 2 3 | Tyco Electronics |
| MA4EX370L-1225T | Low Cost Silicon Double Balanced HMIC⢠Mixer 3.0 - 4.0 GHz | 1 2 | Tyco Electronics |
| EMD40-900L_1 | E-Series HMIC Double Balanced Surface Mount Mixer 700 - 1400 MHz | 1 2 3 | Tyco Electronics |
| CSM2-10 | Low Cost High IP3 Mixer for PCS/WLL Applications | 1 2 3 | Tyco Electronics |
| MACPCC0001 | Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz | 1 2 3 4 | Tyco Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|