|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CV221-2A - 1.9 - 2.7 GHz Dual-Branch Downconverter - WJ Communication. Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD8314_06 | 100 MHz to 2.7 GHz 45 dB RF Detector/Controller | 1 2 3 4 5 More | Analog Devices |
| NE5510179A | 3.5 V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS | 1 2 3 4 | California Eastern Labs |
| AD8353_05 | 1 MHz to 2.7 GHz RF Gain Block | 1 2 3 4 5 More | Analog Devices |
| CV211-2A_07 | UMTS/WiMax-band Dual-Branch Downconverter | 1 2 3 4 5 More | WJ Communication. Inc. |
| HMC570 | GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AD8364 | LF to 2.7 GHz Dual 60 dB TruPwr Detector | 1 2 3 4 5 More | Analog Devices |
| MASWSS0117 | GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz | 1 2 3 | Tyco Electronics |
| AD8354_05 | 1 MHz to 2.7 GHz RF Gain Block | 1 2 3 4 5 More | Analog Devices |
| CV110-3A_07 | Cellular-band High Linearity Downconverter | 1 2 3 4 | WJ Communication. Inc. |
| ABA-54563 | 3.4 GHz Broadband Silicon RFIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|