|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AH115 - ½ Watt, High Linearity InGaP HBT Amplifier - WJ Communication. Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AH110 | 0.2 Watt High Linearity InGaP HBT Amplifier | 1 2 3 4 5 | WJ Communication. Inc. |
| AH114_06 | ¼ Watt High Linearity InGaP HBT Amplifier | 1 2 3 4 5 More | WJ Communication. Inc. |
| CGA-3318 | Dual CATV Broadband High Linearity SiGe HBT Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| CGA-6618 | Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| CGB7001-BD_07 | DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| CGB7003-BD_07 | DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| CHV2711-QJ | 3.5 GHz InGaP HBT 5W Linear Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| LX5514 | InGaP HBT 2.3 - 2.5 GHz Power Amplifier | 1 2 | Microsemi Corporation |
| CGB7004-BD | DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| CGB7005-BD | DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|