|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAFLCT0066 - CATV Diplex Filter 5 - 30 / 46 - 870MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAFL-007988-CD0550 | CATV Diplex Filter 5 -65 / 88- 1000 MHz | 1 2 3 4 | Tyco Electronics |
| MAFL-008098-CD0550 | CATV Diplex Filter 5 - 42 / 54 - 900 MHz | 1 2 3 4 | Tyco Electronics |
| MAFLCT0027 | CATV Diplex Filter 5 - 65 / 88 - 1000MHz | 1 2 3 4 | Tyco Electronics |
| MAFL-007654-CD0A10 | CATV Diplex Filter 5 - 42 / 54 - 1000MHz | 1 2 3 4 | Tyco Electronics |
| MAFL-007898-CD0AC0 | CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz | 1 2 3 4 | Tyco Electronics |
| AD8325_05 | 5 V CATV Line Driver Fine Step Output Power Control | 1 2 3 4 5 More | Analog Devices |
| MC-7831_1 | 870 MHz CATV 18 dB PUSH-PULL AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MAAM-007724-000000 | Low Noise CATV Amplifier 50 - 1005 MHz | 1 2 3 4 | Tyco Electronics |
| NUF2240W1 | 2 Line EMI Filter with ESD Protection | 1 2 3 4 | ON Semiconductor |
| NUF9001FC | 10 Line EMI Filter | 1 2 3 4 | ON Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|