|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAFLCT0027 - CATV Diplex Filter 5 - 65 / 88 - 1000MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAFL-007654-CD0A10 | CATV Diplex Filter 5 - 42 / 54 - 1000MHz | 1 2 3 4 | Tyco Electronics |
| MAFL-007898-CD0AC0 | CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz | 1 2 3 4 | Tyco Electronics |
| MAFL-007988-CD0550 | CATV Diplex Filter 5 -65 / 88- 1000 MHz | 1 2 3 4 | Tyco Electronics |
| MAFL-008098-CD0550 | CATV Diplex Filter 5 - 42 / 54 - 900 MHz | 1 2 3 4 | Tyco Electronics |
| ISG4042-T | 5V CATV MODEM RF TUNER AND TRANSMITTER | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| MC-7862G | CATV 18 dB POWER DOUBLER AMPLIFIER | 1 2 | California Eastern Labs |
| MC-7893_06 | 1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MACPCT0039 | Broadband CATV 10dB Coupler 5-1000 MHz | 1 2 3 | Tyco Electronics |
| NUF2222FC | 2 Line USB 1.1 Upstream EMI Filter | 1 2 3 4 5 More | ON Semiconductor |
| NUF8401MN | Low Capacitance 8 Line EMI Filter with ESD Protection | 1 2 3 4 | ON Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|