|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAFL-007898-CD0AC0 - CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAFL-007654-CD0A10 | CATV Diplex Filter 5 - 42 / 54 - 1000MHz | 1 2 3 4 | Tyco Electronics |
| FL07-0002-G_1 | Low Cost SMT High Pass Filter DC - 2000 MHz | 1 2 3 | Tyco Electronics |
| MC-7832_1 | 870 MHz CATV 22 dB PUSH-PULL AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7833_06 | 870 MHz CATV 25 dB PUSH-PULL AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7834-KC_07 | NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER | 1 2 3 | California Eastern Labs |
| MC-7845_06 | 870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7846 | 870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7847 | 870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7847-KC_07 | NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER | 1 2 3 | California Eastern Labs |
| MC-7881 | 870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|