|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MACPCC0002-TR - Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH20-0032-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz | 1 2 | Tyco Electronics |
| CH20-0033-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 1700-2000 MHz | 1 2 | Tyco Electronics |
| MACPCC0001 | Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz | 1 2 3 4 | Tyco Electronics |
| FL05-0001-G_1 | Low Cost SMT High Pass Filter 800 - 3000 MHz | 1 2 3 | Tyco Electronics |
| FL05-0002-G_1 | Low Cost SMT High Pass Filter 1700 - 3000 MHz | 1 2 3 | Tyco Electronics |
| FL07-0001-G_1 | Low Cost SMT High Pass Filter DC - 1000 MHz | 1 2 3 | Tyco Electronics |
| FL07-0002-G_1 | Low Cost SMT High Pass Filter DC - 2000 MHz | 1 2 3 | Tyco Electronics |
| DS54-0003 | Low Cost Four-way SMT Power Splitter/Combiner 1200 - 1660 MHz | 1 | Tyco Electronics |
| MAPDCC0010 | Low Cost Two-Way GMIC SMT Power Divier 2200-2500 MHz | 1 2 3 | Tyco Electronics |
| AD8129_05 | Low Cost 270 MHz Differential Receiver Amplifiers | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|