|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MACP-008248-CH0670 - 17dB Coupler 5-870 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH20-0032-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz | 1 2 | Tyco Electronics |
| CH20-0033-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 1700-2000 MHz | 1 2 | Tyco Electronics |
| EMDC-10-1_1 | E-Series Coupler 5-1000 MHz | 1 2 | Tyco Electronics |
| EMDC-16-1_1 | nuE-Series Coupler 6-600 MHz | 1 2 | Tyco Electronics |
| EMDC-16-8-75 | E-Series 75Ohm Coupler 5-862 MHz | 1 2 | Tyco Electronics |
| MACP-007486-CH0010 | 17dB Coupler 5-1000MHz | 1 2 3 | Tyco Electronics |
| EMDC-16-11-75 | E-Series 75Ohm Coupler 5-862 MHz | 1 2 3 | Tyco Electronics |
| MACP-007741-CG09E0 | 17dB Broadband CATV Coupler 5-1200MHz | 1 2 3 | Tyco Electronics |
| EMDC-20-2-75 | E-Series 75Ohm Coupler 40-1000 MHz | 1 | Tyco Electronics |
| ESDC-17-3-75 | E-Series Coupler 5-1000 MHz | 1 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|