|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MACP-007741-CG09TB - 17dB Broadband CATV, Coupler 5-1200MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MACP-007727-CI07B0 | Broadband CATV 18dB Coupler 5-1200 MHz | 1 2 3 | Tyco Electronics |
| MABACT0045 | Broadband CATV 4:1 Flux Coupled Transformer | 1 2 3 | Tyco Electronics |
| CH20-0032-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz | 1 2 | Tyco Electronics |
| MABACT0047 | 1:1 Broadband CATV Flux Coupled Transformer 5-120MHz | 1 2 3 | Tyco Electronics |
| CH20-0033-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 1700-2000 MHz | 1 2 | Tyco Electronics |
| MAFLCT0032 | Broadband CATV Diplexer 5 - 1000 MHz | 1 2 3 4 | Tyco Electronics |
| MABACT0055 | Broadband CATV 1:1 Transmission Line Transformer | 1 2 3 | Tyco Electronics |
| MACP-007486-CH0010 | 17dB Coupler 5-1000MHz | 1 2 3 | Tyco Electronics |
| MAAMSS0041 | Broadband CATV Amplifier 50 - 1000 MHz | 1 2 3 4 | Tyco Electronics |
| CGA-3318 | Dual CATV Broadband High Linearity SiGe HBT Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
Datasheet Page |
1 2 3 |
Link URL |
|
|