|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MABACT0060 - 1:1 Transmission Line Transformer 5-1200MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MABACT0059 | 1:1 Transmission Line Transformer 4.5 - 3000MHz | 1 2 3 | Tyco Electronics |
| ETC1-1-13_1 | E-Series 1:1 Transmission Line Transformer 1710 - 1910 MHz | 1 2 | Tyco Electronics |
| MABACT0040 | 1:1 Transmission Line Transformer with center tap 5-1000MHz | 1 2 3 | Tyco Electronics |
| MABACT0044 | 1:1 Transmission line Transformer 5 - 1000 MHz | 1 2 3 4 | Tyco Electronics |
| MABACT0055 | Broadband CATV 1:1 Transmission Line Transformer | 1 2 3 | Tyco Electronics |
| ETC4-1T-7_1 | E-Series RF 1:4 Transmission Line Step-up Transformer 6 - 1000 MHz | 1 2 | Tyco Electronics |
| MABA-007488-CT9550 | 9:1 Transmission Line Step-up Transformer 5-220MHz | 1 2 3 | Tyco Electronics |
| EPB5038G | Discrete Line Interface Transformer | 1 | PCA ELECTRONICS INC. |
| TEA4214 | Wide Band Line Matching Transformer | 1 | Filtran LTD |
| ETC1-1-10_1 | E-Series 1:1 Transformer 1710 - 1910 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|