|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MA46604 - GaAs, High Q Abrupt Tuning Varactors - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA46_1 | Surface Mount GaAs Tuning Varactors | 1 2 3 4 | Tyco Electronics |
| FMS2016-001 | High Power Reflective GaAs SP4T Switch | 1 2 3 4 5 More | Filtronic Compound Semiconductors |
| MASW-007813 | GaAs SP4T High Power Switch DC - 3 GHz | 1 2 3 4 | Tyco Electronics |
| MA45400 | Si Abrupt Tuning Varactor Diode | 1 2 3 | Tyco Electronics |
| D10040240GTH | GaAs Power Doubler 40 - 1000MHz 24.0dB min. Gain @ 1GHz High 440mA max. @ 24VDC | 1 2 3 4 | PREMIER DEVICES, INC. |
| HMC585MS8G | HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SW-276 | High Power GaAs SPDT Switch DC - 3.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MA4ST079_1 | Surface Mount Hyperabrupt Wide-Band Tuning Varactors | 1 2 3 | Tyco Electronics |
| CGA-6618 | Dual CATV 1 MHz to 1000 MHz High Linearity GaAs HBT Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| MA46580 | Beam Lead Constant Gamma GaAs Tuning Varactor | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|